Part Number Hot Search : 
IRGPCX0U SDR3M 3X221 Z86250 7560F9 FM4004 PVM2WFV 74LX1G04
Product Description
Full Text Search
 

To Download MBR1100RLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1100
Preferred Device
Axial Lead Rectifier
These rectifiers employ the Schottky Barrier principle in a large area metal-to-silicon power diode. State-of-the-art geometry features epitaxial construction with oxide passivation and metal overlap contact. Ideally suited for use as rectifiers in low-voltage, high-frequency inverters, free wheeling diodes, and polarity protection diodes.
Features
http://onsemi.com
* * * * * * * * *
Low Reverse Current Low Stored Charge, Majority Carrier Conduction Low Power Loss/High Efficiency Highly Stable Oxide Passivated Junction Guard-Ring for Stress Protection Low Forward Voltage 175C Operating Junction Temperature High Surge Capacity These are Pb-Free Devices*
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERE, 100 VOLTS
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 0.4 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds Polarity: Cathode Indicated by Polarity Band
DO-41 AXIAL LEAD CASE 59 STYLE 1
MARKING DIAGRAM
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (VR(equiv) 0.2 VR (dc), RqJA = 50C/W, P.C. Board Mounting, [see Note 3], TA = 120C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating and Storage Junction Temperature Range (Note 1) Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IO Value 100 Unit V
A MBR1100 YYWW G G A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
1.0
A
IFSM
50
A
ORDERING INFORMATION
Device Package Axial Lead* Axial Lead* Axial Lead* Axial Lead* Shipping 1000 Units/Bag 1000 Units/Bag 5000/Tape & Reel 5000/Tape & Reel
TJ, Tstg dv/dt
-65 to +175 10
C V/ns
MBR1100 MBR1100G MBR1100RL MBR1100RLG
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
1
June, 2006 - Rev. 6
Publication Order Number: MBR1100/D
MBR1100
THERMAL CHARACTERISTICS (See Note 4)
Characteristic Thermal Resistance, Junction-to-Ambient Symbol RqJA Max See Note 3 Unit C/W
ELECTRICAL CHARACTERISTICS (TL = 25C unless otherwise noted)
Characteristic Maximum Instantaneous Forward Voltage (Note 2) (iF = 1 A, TL = 25C) (iF = 1 A, TL = 100C) Maximum Instantaneous Reverse Current @ Rated dc Voltage (Note 2) (TL = 25C) (TL = 100C) 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. Symbol VF 0.79 0.69 iR 0.5 5.0 mA Max Unit V
i F, INSTANTANEOUS FORWARD CURRENT (AMPS
20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS) TJ = 150C 100C 25C
IR , REVERSE CURRENT (m A)
1K 400 200 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.04 0.02 0.01
TJ = 150C 125C 100C
0
10
20
30
40
50
60
70
80
90
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current { { The curves shown are typical for the highest voltage
device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
4.0
4.0
3.0 dc 2.0 SQUARE WAVE 1.0
3.0
SQUARE WAVE dc
2.0
1.0
0
0
20
40
60
80
100
120
140
160
180
200
0
0
1.0
2.0
3.0
4.0
5.0
TA, AMBIENT TEMPERATURE (C)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Current Derating (Mounting Method 3 per Note 3)
Figure 4. Power Dissipation
http://onsemi.com
2
MBR1100
150 100 90 80 70 60 50 40 30 20 15 0 10 20 30 40 50 60 70 80 90 100
NOTE 4 -- THERMAL CIRCUIT MODEL: (For heat conduction through the leads)
RqS(A) RqL(A) RqJ(A) RqJ(K
)
RqL(K)
RqS(K) TA(K)
C, CAPACITANCE (pF)
TJ = 25C fTEST = 1 MHz
TA(A) TL(A) TC(A) TJ
PD TC(K) TL(K)
VR, REVERSE VOLTAGE (VOLTS)
Use of the above model permits junction to lead thermal resistance for any mounting configuration to be found. For a given total lead length, lowest values occur when one side of the rectifier is brought as close as possible to the heat sink. Terms in the model signify: TA = Ambient Temperature TC = Case Temperature TJ = Junction Temperature TL = Lead Temperature RqS = Thermal Resistance, Heat Sink to Ambient RqL = Thermal Resistance, Lead to Heat Sink RqJ = Thermal Resistance, Junction to Case PD = Power Dissipation (Subscripts A and K refer to anode and cathode sides, respectively.) Values for thermal resistance components are: RqL = 100C/W/in typically and 120C/W/in maximum. RqJ = 36C/W typically and 46C/W maximum.
NOTE 5 -- HIGH FREQUENCY OPERATION:
Figure 5. Typical Capacitance NOTE 3 -- MOUNTING DATA:
Data shown for thermal resistance junction-to-ambient (RqJA) for the mounting shown is to be used as a typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured.
Typical Values for RqJA in Still Air
Mounting Method 1 2 3 Lead Length, L (in) 1/8 52 67 -- 1/4 65 80 1/2 72 87 50 3/4 85 100 RqJA C/W C/W C/W
Mounting Method 1 P.C. Board with 1-1/2 x 1-1/2 copper surface.
Mounting Method 3 P.C. Board with 1-1/2 x 1-1/2 copper surface. L = 3/8
L
L
Mounting Method 2 L L
BOARD GROUND PLANE
Since current flow in a Schottky rectifier is the result of majority carrier conduction, it is not subject to junction diode forward and reverse recovery transients due to minority carrier injection and stored charge. Satisfactory circuit analysis work may be performed by using a model consisting of an ideal diode in parallel with a variable capacitance. (See Figure 5) Rectification efficiency measurements show that operation will be satisfactory up to several megahertz. For example, relative waveform rectification efficiency is approximately 70 percent at 2 MHz, e.g., the ratio of dc power to RMS power in the load is 0.28 at this frequency, whereas perfect rectification would yield 0.406 for sine wave inputs. However, in contrast to ordinary junction diodes, the loss in waveform efficiency is not indicative of power loss: it is simply a result of reverse current flow through the diode capacitance, which lowers the dc output voltage.
EEEEEEEE EEEEEEEE E E E EEEEEEEE E EEEEEEEE
http://onsemi.com
3
MBR1100
PACKAGE DIMENSIONS
AXIAL LEAD CASE 59-10 ISSUE U
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH JEDEC DO-41 OUTLINE SHALL APPLY 4. POLARITY DENOTED BY CATHODE BAND. 5. LEAD DIAMETER NOT CONTROLLED WITHIN F DIMENSION. INCHES MIN MAX 0.161 0.205 0.079 0.106 0.028 0.034 --- 0.050 1.000 --- MILLIMETERS MIN MAX 4.10 5.20 2.00 2.70 0.71 0.86 --- 1.27 25.40 ---
K F
D
DIM A B D F K
A
POLARITY INDICATOR OPTIONAL AS NEEDED (SEE STYLES)
F K
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
MBR1100/D


▲Up To Search▲   

 
Price & Availability of MBR1100RLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X